PART |
Description |
Maker |
APE8969 |
1.2A HIGH OUTPUT CURRENT LDO REGULATOR
|
Advanced Power Electronics Corp.
|
AX6639A |
3A High Output Current LDO Regulator
|
AXElite
|
FS100UM-03 |
100 A, 30 V, 0.0054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 Bench Power Supply; Output Voltage:30V; Output Current:3A; Number of Outputs:3; Calibrated:Yes; Certificate of Calibration:Yes; Output Current 2:.5A; Output Current 3:.5A; Output Voltage 2:12V; Output Voltage 3:5V HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
NCP3335AMN500R2G NCP3335AMN150R2G NCP3335AMN300R2G |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 High Accuracy, Low Iq 500 mA LDO with Reverse Bias Protection DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
|
ON Semiconductor
|
XC6214P302JL XC6214P302JR XC6214P302ML XC6214P302M |
500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
|
Torex Semiconductor
|
NX8566LE929-CC NX8566LE803-CC NX8565LE836-CC NX856 |
TV 6C 6#8(TWIN) PIN PLUG RECP Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可6000240公里DWDM应用 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可3600040公里DWDM应用 NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可3600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(2.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(1.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(2.7V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Enhanced Product Fast-Transient-Response 1-A Low-Dropout Voltage Regulators 20-HTSSOP -40 to 125 PT 19C 19#20 SKT PLUG Single Output LDO, 250mA, Fixed(5.0V), Low Quiescent Current, Power Good (PG) Output 8-SOIC PTSE 18C 18#20 PIN RECP 901481102 Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 PQ I HIP6W DUET Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125
|
California Eastern Laboratories, Inc. http:// California Eastern Labs
|
ADP3331 ADP3331ART ADP3331ART-REEL7 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
P6KE200 P6KE7.5 P6KE440A P6KE82 P6KE33 P6KE68C P6K |
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 硅雪崩二极管-硅雪崩二极管 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Silicon Avalanche Diodes - Silicon Avalanche Diodes 硅雪崩二极管-硅雪崩二极管 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
SKIIP03NAC066V1 |
Large Current 300mA CMOS LDO Regulators; Output voltage (V): 2.8; Output current (mA): 300; Supply voltage (V): 2.5 to 5.5; I/O voltage difference (mV): 60; Ripple rejection (dB): 60; Circuit current (µA): 65; Package: HVSOF6 3-phase bridge rectifier 3-phase bridge inverter
|
Semikron International
|
OP17902 OP279 OP179GRTZ-REEL OP179GRTZ-REEL7 OP179 |
16V; 50mA; rail-to-rail high output current operational amplifier. For multimedia, telecom, DAA transformer driver, LCD driver, low voltage servo control, modems, FET drivers Rail-to-Rail High Output Current Operational Amplifiers Rail-to-Rail High Output Current Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 Rail-to-Rail High Output Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
P6KE180CA P6KE20C P6KE20CA P6KE16CA P6KE20A P6KE25 |
600w Transient Voltage Suppressor GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85 600w Transient Voltage Suppressor 六百瓦特瞬态电压抑制器 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, High PSRR 5-DDPAK/TO-263 -40 to 125 六百瓦特瞬态电压抑制器
|
Panjit International Inc COMCHIP[Comchip Technology] Comchip Technology Co., Ltd.
|
P4SMA9.1 P4SMA9.1A P4SMA9.1C P4SMA7.5C P4SMA100 P4 |
Surface Mount Transient Voltage Suppressor 表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 8-MSOP-PowerPAD -40 to 85 Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Enhanced Product Ultralow-Noise High Psrr Fast Rf 200-Ma Low-Dropout Linear Regulators 5-SOT-23 -40 to 125 TVS: Unidirectional TVS: Bidirectional
|
Taiwan Semiconductor Compan... http:// Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] Taiwan Semiconductor Co...
|
|